PART |
Description |
Maker |
150D824X9006A2 150D275X9006A2 150D105X9006A2 150D1 |
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
|
Vishay Siliconix
|
199D 199D475X0003A6V1 199D475X0003A6B1 199D475X000 |
Solid-Electrolyte Capacitors, TANTALEX Resin-Coated, Radial-Lead 固体电解质电容器,TANTALEX树脂涂层,径向引
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
173D225X9025VWE3 173D155X9035VWE3 173D334X9035UWE3 |
Solid-Electrolyte Capacitors
|
Vishay
|
TC105K20D TC105K20C TC105K20B TC105K20A TC105K06A |
Tantalum Capacitors with Solid Electrolyte
|
MERITEK ELECTRONICS CORPORATION
|
94SP226X0020CBP 94SP686X0020FBP 94SP827X0004FBP 94 |
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
|
VISAY[Vishay Siliconix]
|
TAZG336K010CRST0823 TAZG336K010CRST0824 TAZG336K01 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711 CHIP CAP 15UF 25V 10% TANT SMD-7238-28 WAFFLE-PAK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 15 uF, SURFACE MOUNT, 2915 CAP 3.3UF 10V 10% TANT SMD-5013-13 TR-7 B-MIL-PRF-5365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 2005 CAP 3.3UF 20V 10% TANT SMD-5025-13 TR-7 B-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 2010 CAP 4.7UF 50V 10% TANT SMD-.285X.150 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT, 2915
|
AVX, Corp.
|
TPSV107K025R0100 TPSV686M025R0095 TPSE476M035R0200 |
Low ESR series of robust Mn02 solid electrolyte capacitors TPS Series
|
AVX Corporation
|
94SA156X0020CBP 94SA227X0010FBP 94SA686X0020EBP 94 |
High Capacitance, Miniaturized and Well Suited for High-Frequency Switching Power Supplies Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
|
VISAY[Vishay Siliconix]
|
TA035TCM226KER TA016TCM475MAR TA025TCM226MDR |
CAP CHP TANT 22UF 35V 10% CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 22 uF, SURFACE MOUNT 4.7 UF TANTALUM CAPACITOR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT
|
Venkel, Ltd.
|
TACR106M004RTA TACR106K004RTA TACL685K004RTA TACR1 |
CAP 10UF 4V 20% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 0805 CAP 10UF 4V 10% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 0805 CAP 6.8UF 4V 10% TANT SMD-1608-10 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 6.8 uF, SURFACE MOUNT, 0603 CAP 10UF 6.3V 10% TANT SMD-2012-15 TR-4.25-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 10 uF, SURFACE MOUNT, 0805 CAP 10UF 3V 10% TANT SMD-1608-10 TR-4.25-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 3 V, 10 uF, SURFACE MOUNT, 0603 CAP 10UF 16V 20% TANT SMD-2012-15 TR-7-PL CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT, 0805
|
AVX, Corp.
|
EKC12 MALREKE00DD347EG0K MALREKE00BA247H00K MALREK |
CAP,AL2O3,470UF,25VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,AL2O3,220UF,35VDC,20% -TOL,20% TOL EKC Aluminum Capacitors Radial Style CAP,AL2O3,1MF,16VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay Siliconix Vishay Roederstein
|
|